Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8105ACPZN-R7 Datasheet (PDF) - Analog Devices

ADL8105ACPZN-R7 Datasheet PDF - Analog Devices
Part # ADL8105ACPZN-R7
Download  ADL8105ACPZN-R7 Download
File Size   1737.18 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz

ADL8105ACPZN-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8105ACPZN-R7 Datasheet PDF - Analog Devices

Part # ADL8105ACPZN-R7
Download  ADL8105ACPZN-R7 Click to download

File Size   1737.18 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz

ADL8105ACPZN-R7 Datasheet (HTML) - Analog Devices


ADL8105ACPZN-R7 Product details

FEATURES
► Single positive supply (self biased)
► Gain: 27 dB typical at 12 GHz to 17 GHz
► OP1dB: 18 dB typical at 12 GHz to 17 GHz
► OIP3: 30.5 dBm typical at 12 to GHz to 17 GHz
► Noise figure: 1.8 dB typical at 12 GHz to 17 GHz
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
► Telecommunications
► Satellite communications
► Military radar
► Weather radar
► Electronic warfare
► Instrumentation




Similar Part No. - ADL8105ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Similar Description - ADL8105ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460_10 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com