Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8105ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8105ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8105ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8105ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL8105
SPECIFICATIONS
analog.com
Rev. A | 3 of 22
5 GHZ TO 12 GHZ
Supply voltage (VDD) = 5 V, quiescent current (IDQ) = 90 mA, bias resistance (RBIAS) = 392 Ω, and TCASE = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
5
12
GHz
GAIN (S21)
27
29
dB
Gain Variation over Temperature
0.04
dB/°C
NOISE FIGURE
1.75
dB
RETURN LOSS
Input (S11)
13.5
dB
Output (S22)
13.5
dB
OUTPUT
Power for 1 dB Compression (P1dB)
17
19
dBm
Saturated Output Power (PSAT)
20.5
dBm
IP3
30
dBm
Measurement taken at POUT per tone = 0 dBm
Second-Order Intercept (IP2)
32
dBm
Measurement taken at POUT per tone = 0 dBm
POWER ADDED EFFICIENCY (PAE)
21
%
Measured at PSAT
12 GHZ TO 17 GHZ
VDD = 5 V, IDQ= 90 mA, RBIAS = 392 Ω, and TCASE = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
12
17
GHz
S21
24.5
27
dB
Gain Variation over Temperature
0.033
dB/°C
NOISE FIGURE
1.8
dB
RETURN LOSS
S11
16
dB
S22
13
dB
OUTPUT
P1dB
15.4
18
dBm
PSAT
20.5
dBm
IP3
30.5
dBm
Measurement taken at POUT per tone = 0 dBm
IP2
50
dBm
Measurement taken at POUT per tone = 0 dBm
PAE
19
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com