Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8105ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8105ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8105ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8105ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
ADL8105
GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single positive supply (self biased)
►
Gain: 27 dB typical at 12 GHz to 17 GHz
►
OP1dB: 18 dB typical at 12 GHz to 17 GHz
►
OIP3: 30.5 dBm typical at 12 to GHz to 17 GHz
►
Noise figure: 1.8 dB typical at 12 GHz to 17 GHz
►
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
►
Telecommunications
►
Satellite communications
►
Military radar
►
Weather radar
►
Electronic warfare
►
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8105 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), low noise wideband amplifier that operates
from 5 GHz to 20 GHz.
The ADL8105 provides a typical gain of 27 dB at 12 GHz to 17
GHz, a 1.8 dB typical noise figure from 12 GHz to 17 GHz, a
typical output third-order intercept (OIP3) of 30.5 dBm at 12 GHz
to 17 GHz, and a saturated output power (PSAT) of up to 20.5
dBm, requiring only 90 mA from a 5 V supply voltage. The power
dissipation can be lowered at the expense of OIP3 and output
power (POUT). The ADL8105 also features inputs and outputs that
are internally matched to 50 Ω. The RFIN and RFOUT pins are
internally ac-coupled, and the bias inductor is also integrated,
making it ideal for surface-mounted technology (SMT)-based, high
capacity microwave radio applications.
The ADL8105 is housed in an RoHS-compliant, 2 mm × 2 mm,
8-lead LFCSP package.


Similar Part No. - ADL8105ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8105ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460_10 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com