Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8105ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8105ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8105ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8105ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
ADL8105
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 22
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. The RFIN pin is ac-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
2, 3, 4
NIC
No Internal Connection. The NIC pins are not connected internally. For normal operation, connect the NIC pins to a ground plane that
has low electrical and thermal impedance.
5
RFOUT
RF Output. The RFOUT pin is ac-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
6
GND
Ground. Connect the GND pin to a ground plane that has low electrical and thermal impedance. See Figure 6 for the interface
schematic.
7
VDD
Drain Bias. Connect the VDD pin to the supply voltage. See Figure 4 for the interface schematic.
8
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDD to set IDQ. See Table 9 and Figure 74 for more details. See
Figure 3 for the interface schematic.
EXPOSED
PADDLE
Exposed Paddle. Connect the exposed paddle to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RBIAS Interface Schematic
Figure 4. VDD and RFOUT Interface Schematic
Figure 5. RFIN Interface Schematic
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com