Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8105ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL8105ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 5 GHz to 20 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8105ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL8105ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8105ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADL8105
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 16 of 22
Figure 61. OIP2 vs. Frequency for Various Temperatures, 4 GHz to 22 GHz,
VDD = 5 V, IDQ = 90 mA, RBIAS = 392 Ω
Figure 62. OIP2 vs. Frequency for Various IDQ and RBIAS Values, 4 GHz to 22
GHz, VDD = 5 V
Figure 63. OIP2 vs. Frequency for Various Supply Voltages and IDQ Values, 4
GHz to 22 GHz, RBIAS = 392 Ω
Figure 64. OIP2 vs. Frequency for Various Temperatures, 4 GHz to 22 GHz,
VDD = 3 V, IDQ = 50 mA, RBIAS = 392 Ω
Figure 65. OIP2 vs. Frequency for Various IDQ and RBIAS Values, 4 GHz to 22
GHz, VDD = 3 V
Figure 66. Third-Order Intermodulation (IM3) vs. POUT per Tone for Various
Frequencies, VDD = 5 V, RBIAS = 392 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com