Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet (PDF) - Analog Devices

ADTR1107ACCZ-R7 Datasheet PDF - Analog Devices
Part # ADTR1107ACCZ-R7
Download  ADTR1107ACCZ-R7 Download
File Size   1727.16 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 18 GHz, Front-End IC

ADTR1107ACCZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADTR1107ACCZ-R7 Datasheet PDF - Analog Devices

Part # ADTR1107ACCZ-R7
Download  ADTR1107ACCZ-R7 Click to download

File Size   1727.16 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 18 GHz, Front-End IC

ADTR1107ACCZ-R7 Datasheet (HTML) - Analog Devices


ADTR1107ACCZ-R7 Product details

FEATURES
► Operates from 6 GHz to 18 GHz
► 25 dBm typical transmit state PSAT
► 22 dB typical transmit state small signal gain
► 18 dB typical receive state small signal gain
► 2.5 dB typical receive state noise figure
► Coupled power amplifier output for power detection
APPLICATIONS
► Phased array antenna
► Military radar
► Weather radar
► Communication links
► Electronic warfare




Similar Part No. - ADTR1107ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTR1107ACCZ-R7 AD-ADTR1107ACCZ-R7 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
More results


Similar Description - ADTR1107ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
Analog Devices
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
logo
NXP Semiconductors
WLAN7001C NXP-WLAN7001C Datasheet
226Kb / 22P
WLAN 5 GHz Front-end IC
Rev. 3-7 September 2020
WLAN7102C NXP-WLAN7102C Datasheet
426Kb / 23P
5 GHz Wi-Fi 6 Front-End IC
Rev. 4-15 September 2020
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com