Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADTR1107ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Data Sheet
ADTR1107
TABLE OF CONTENTS
analog.com
Rev. C | 2 of 27
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications ....................................................... 3
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
ESD Caution.......................................................6
Signal Path Truth Table...................................... 6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................7
Typical Performance Characteristics..................... 9
Transmit State.................................................... 9
Receive State...................................................16
Theory of Operation.............................................23
Applications Information...................................... 24
Recommended Bias Sequencing.....................24
Typical Application Circuit................................ 25
Interfacing the ADTR1107 to the ADAR1000 X
Band and KU Band Beamformer....................... 26
Outline Dimensions............................................. 27
Ordering Guide.................................................27
Evaluation Boards............................................ 27
REVISION HISTORY
6/2023—Rev. B to Rev. C
Changes to Theory of Operation Section.......................................................................................................23
10/2022—Rev. A to Rev. B
Changes to Applications Information Section................................................................................................ 24
Changes to Figure 89.................................................................................................................................... 25
4/2020—Rev. 0 to Rev. A
Changes to VDD_LNA Parameter; Table 4......................................................................................................4
1/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com