Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADTR1107
THEORY OF OPERATION
analog.com
Rev. C | 23 of 27
The ADTR1107 is a transmit/receive module that consists of an
LNA, a medium power amplifier, and an SPDT reflective switch.
The ANT antenna port is dc-coupled to 0 V and no dc block
is required at this port when the RF line potential is equal to 0
V. The switch has an integrated driver to perform logic functions
internally and provides a simplified complementary metal-oxide
semiconductor (CMOS)/low voltage transistor to transistor logic
(LVTTL)-compatible control interface. The driver features a single
digital control input pin, CTRL_SW. The logic level applied to
CTRL_SW determines whether the ADTR1107 is in transmit state
or receive state (see Table 8).
The receive path contains a self biased LNA with optional bias
control using the VGG_LNA pin for bias adjustment. For self biased
operation, the VGG_LNA pin is set to 0 V or connected to ground.
The receive path output (RX_OUT) is dc-coupled to ground through
an 8 kΩ resistor. No dc block is required at this port when the RF
line potential is equal to 0 V.
The transmit path contains a power amplifier. The bias current is
set using VGG_PA. The transmit path input (TX_IN) is dc‑coupled
to ground through a 2.5 kΩ resistor. No dc block is required at this
port when the RF line potential is equal to 0 V. A directional coupler
is incorporated into the ADTR1107 to allow for monitoring of the
transmit power level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com