Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADTR1107ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
ADTR1107
6 GHz to 18 GHz, Front-End IC
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Operates from 6 GHz to 18 GHz
►
25 dBm typical transmit state PSAT
►
22 dB typical transmit state small signal gain
►
18 dB typical receive state small signal gain
►
2.5 dB typical receive state noise figure
►
Coupled power amplifier output for power detection
APPLICATIONS
►
Phased array antenna
►
Military radar
►
Weather radar
►
Communication links
►
Electronic warfare
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADTR1107 is a compact, 6 GHz to 18 GHz, front-end IC with
an integrated power amplifier, low noise amplifier (LNA), and a
reflective single-pole double-throw (SPDT) switch. These integrated
features make the device ideal for phased array antenna and radar
applications. The front-end IC offers 25 dBm of saturated output
power (PSAT) and 22 dB small signal gain in transmit state, and
18 dB small signal gain and 2.5 dB noise figure in receive state.
The device has a directional coupler for power detection. The
input/outputs (I/Os) are internally matched to 50 Ω. The ADTR1107
is supplied in a 5 mm × 5 mm, 24-terminal, land grid array (LGA)
package.


Similar Part No. - ADTR1107ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTR1107ACCZ-R7 AD-ADTR1107ACCZ-R7 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
More results

Similar Description - ADTR1107ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
Analog Devices
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
logo
NXP Semiconductors
WLAN7001C NXP-WLAN7001C Datasheet
226Kb / 22P
WLAN 5 GHz Front-end IC
Rev. 3-7 September 2020
WLAN7102C NXP-WLAN7102C Datasheet
426Kb / 23P
5 GHz Wi-Fi 6 Front-End IC
Rev. 4-15 September 2020
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com