Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADTR1107ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADTR1107
SPECIFICATIONS
analog.com
Rev. C | 5 of 27
Table 4. (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OP1dB
12
14
dBm
ANT to RX_OUT
PSAT
16.5
dBm
ANT to RX_OUT
OIP3
25.5
dBm
ANT to RX_OUT POUT per tone = 0 dBm
Noise Figure
3
dB
ANT to RX_OUT
Isolation
ANT to TX_IN
26
dB
Transmit state off
RX_OUT to TX_IN
46
dB
Transmit state off
RF Settling Time
0.1 dB
17
ns
50% CTRL_SW to 0.1 dB of final RF output
0.05 dB
22
ns
50% CTRL_SW to 0.05 dB of final RF output
Switching Speed
Rise and Fall Time
tRISE, tFALL
2
ns
10% to 90% of RF output
Turn On and Turn Off Time
tON, tOFF
10
ns
50% CTRL_SW to 90% of RF output
VDD_LNA
2.0
3.3
3.6
V
IDQ_LNA
80
mA
Self biased
SPDT switch bias at VDD_SW = 3.3 V, VSS_SW = −3.3 V.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
VDD_SW and VSS_SW
Positive
IDD_SW
14
µA
Negative
ISS_SW
120
µA
DIGITAL CONTROL INPUTS
CTRL_SW
Voltage
Low
0
0.8
V
High
1.2
3.3
V
Current (Low and High)
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com