Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADTR1107
INTERFACING THE ADTR1107 TO THE ADAR1000 X BAND AND KU BAND BEAMFORMER
analog.com
Rev. C | 26 of 27
The ADTR1107 can be interfaced to the ADAR1000 X band and Ku
band quad beamformer IC, as shown in Figure 91. Note that only
a single channel of the ADAR1000 is shown in Figure 91 and addi-
tional components have been omitted for clarity. The ADAR1000
provides multiple bias voltages and control signals, resulting in a
glueless interface and no need for any additional control signals to
the ADTR1107. The gate voltage for the ADTR1107 power amplifier
(VGG_PA) is provided by the ADAR1000 PA_BIAS3 pin. One of
four independent negative gate voltages is needed for power ampli-
fier gate biasing. Each voltage is set by an 8-bit digital-to-analog
converter (DAC) with an output voltage range of 0 V to −4.8 V.
The typical gate voltage required to bias the ADTR1107 power
amplifier is −1.1 V (see Figure 49). This voltage can be asserted
by the ADAR1000 TR input pin (rising edge enables the power
amplifier) or by a serial peripheral interface (SPI) write. Asserting
the ADAR1000 TR pin switches the polarity of the ADAR1000
TR_SW_NEG pin and TR_SW_POS pin. The TR_SW_POS pin
can drive the gates of up to four switches and can be used to
control the ADTR1107 SPDT switch.
While the ADTR1107 LNA gate voltage is self biased (the
VGG_LNA pin is connected to 0 V or grounded), the voltage can
also be controlled from the ADAR1000. In this case, there is a
single LNA_BIAS voltage (0 V to −4.8 V) controlled by an 8‑bit DAC
that can be used to bias four ADTR1107 devices connected to each
ADAR1000.
The ADTR1107 CPLR_OUT coupler output can be tied back to one
of the four ADAR1000 RF detector inputs (DET1 to DET4). These
diode based RF detectors have an input range of −20 dBm to
+10 dBm. The coupling factor of the ADTR1107 directional coupler
ranges from 28 dB at 6 GHz to 18 dB at 18 GHz. At 12 GHz,
with a coupling factor of 22 dB and a maximum power amplifier
output of 26 dBm, the coupled output power is a maximum of 4
dBm. If the coupler output is connected directly to the detector
input, this connection provides a detection range of 24 dB. Figure
90 shows the relationship between the ADTR1107 output power
and the ADC code of the ADAR1000 detector at 12 GHz. In this
case, the ADTR1107 output power is swept to a maximum level of
approximately 22 dBm.
Figure 90. ADAR1000 RF Detector Output Code vs. ADTR1107 Output Power
at 12 GHz
Figure 91. Interfacing the ADTR1107 to the ADAR1000 X and Ku Band Beamformer, One Channel Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com