Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
ADTR1107
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 12 of 27
Figure 30. PSAT vs. Frequency for Various IDQ_PA,Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, Receive State Off
Figure 31. Power Added Efficiency (PAE) vs. Frequency for Various VDD_PA,
Transmit State, Path = TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off,
PAE Measured at PSAT
Figure 32. POUT, Gain, PAE and Power Amplifier Supply Current (IDD_PA) vs.
Input Power, 6 GHz, Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V,
IDQ_PA = 220 mA, Receive State Off
Figure 33. PAE vs. Frequency for Various Temperatures, Transmit State, Path
= TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off, PAE
Measured at PSAT
Figure 34. PAE vs. Frequency for Various IDQ_PA, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, Receive State Off, PAE Measured at PSAT
Figure 35. POUT, Gain, PAE and IDD_PA vs. Input Power, 10 GHz, Transmit
State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com