Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
ADTR1107
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 16 of 27
RECEIVE STATE
Figure 51. Broadband Gain and Return Loss vs. Frequency, 10 MHz to 26
GHz, Receive State, Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA =
3.3 V, VGG_LNA = 0 V, Transmit State Off
Figure 52. Gain vs. Frequency for Various VDD_LNA, Receive State, Path =
ANT to RX_OUT, Self Biased Mode, VGG_LNA = 0 V, Transmit State Off
Figure 53. Input Return Loss vs. Frequency for Various Temperatures,
Receive State, Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3
V, VGG_LNA = 0 V, Transmit State Off
Figure 54. Gain vs. Frequency for Various Temperatures, Receive State,
Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V, VGG_LNA = 0 V,
Transmit State Off
Figure 55. Gain vs. Frequency for Various IDQ_LNA, Receive State, Path =
ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V, Controlled VGG_LNA,
Transmit State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com