Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00053 Datasheet (PDF) - Arduino

ABX00053 Datasheet PDF - Arduino
Part # ABX00053_V01
Download  ABX00053 Download
File Size   1223.81 Kbytes
Page   19 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano RP2040 Connect

ABX00053 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00053 Datasheet PDF - Arduino

Part # ABX00053_V01
Download  ABX00053 Click to download

File Size   1223.81 Kbytes
Page   19 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano RP2040 Connect

ABX00053 Datasheet (HTML) - Arduino


ABX00053 Product details

Description
The feature packed Arduino® Nano RP2040 Connect brings the new Raspberry Pi RP2040 microcontroller to theNano form factor. Make the most of the dual core 32-bit Arm® Cortex®-M0+ to make Internet of Things projects with Bluetooth® and Wi-Fi connectivity thanks to the u-blox® Nina W102 module. Dive into real-world projects with the onboard accelerometer, gyroscope, RGB LED and microphone. Develop robust embedded AI solutions with minimal effort using the Nano RP2040 Connect!

Features
Raspberry Pi RP2040 Microcontroller
133 MHz 32bit Dual Core Arm® Cortex®-M0+
264 kB on-chip SRAM
Direct Memory Access (DMA) controller
Support for up to 16 MB of off-chip Flash memory via dedicated QSPI bus
USB 1.1 controller and PHY, with host and device support
8 PIO state machines
Programmable IO (PIO) for extended peripheral support
4 channel ADC with internal temperature sensor, 0.5 MSa/s, 12-bit conversion
SWD Debugging
2 on-chip PLLs to generate USB and core clock
40nm process node
Multiple low power mode support
USB 1.1 Host/Device
Internal Voltage Regulator to supply the core voltage
Advanced High-performance Bus (AHB)/Advanced Peripheral Bus (APB)
U-blox® Nina W102 Wi-Fi®/Bluetooth® Module
240 MHz 32bit Dual Core Xtensa LX6
520 kB on-chip SRAM
448 Kbyte ROM for booting and core functions
16 Mbit FLASH for code storage including hardware encryption to protect programs and data
1 kbit EFUSE (non- erasable memory) for MAC addresses, module configuration, Flash-Encryption, and
Chip-ID
IEEE 802.11b/g/n single-band 2.4 GHz Wi-Fi® operation
Bluetooth® 4.2
Integrated Planar Inverted-F Antenna (PIFA)
4x 12-bit ADC
3x I2C, SDIO, CAN, QSPI
Memory
AT25SF128A 16 MB NOR Flash
QSPI data transfer rate up to 532Mbps
100K program/erase cycles
ST LSM6DSOXTR 6-axis IMU
3D Gyroscope
±2/±4/±8/±16 g full scale
3D Accelerometer
±125/±250/±500/±1000/±2000 dps full scale
Advanced pedometer, step detector and step counter
Significant Motion Detection, Tilt detection
Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double-click
Programmable finite state machine: accelerometer, gyroscope and external sensors
Machine Learning Core
Embedded temperature sensor
ST MP34DT06JTR MEMS Microphone
AOP = 122.5 dBSPL
64 dB signal-to-noise ratio
Omnidirectional sensitivity
-26 dBFS ± 1 dB sensitivity
RGB LED
Common Anode
Connected to u-blox® Nina W102 GPIO
Microchip® ATECC608A Crypto
Cryptographic Co-Processor with Secure Hardware-Based Key Storage
I2C, SWI
Hardware Support for Symmetric Algorithms:
SHA-256 & HMAC Hash including off-chip context save/restore
AES-128: Encrypt/Decrypt, Galois Field Multiply for GCM
Internal High-Quality NIST SP 800-90A/B/C Random Number Generator (RNG)
Secure Boot Support:
Full ECDSA code signature validation, optional stored digest/signature
Optional communication key disablement prior to secure boot
Encryption/Authentication for messages to prevent on-board attacks
I/O
14x Digital Pin
8x Analog Pin
Micro USB
UART, SPI, I2C Support
Power
Buck step-down converter
Safety Information
Class A




Similar Part No. - ABX00053_V01

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
More results


Similar Description - ABX00053_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com