Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00053 Datasheet(PDF) 7 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 7 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 3Page - Arduino ABX00053_V01 Datasheet HTML 4Page - Arduino ABX00053_V01 Datasheet HTML 5Page - Arduino ABX00053_V01 Datasheet HTML 6Page - Arduino ABX00053_V01 Datasheet HTML 7Page - Arduino ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Arduino® Nano RP2040 Connect
7 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
1 The Board
1.1 Application Examples
The Nano RP2040 Connect can be adapted to a wide range of use cases thanks to the powerful microprocessor,
range of onboard sensors and Nano form factor. Possible applications include:
Edge Computing: Make use of the fast and high RAM microprocessor to run TinyML for anomaly detection, cough
detection, gesture analysis and more.
Wearable Devices: The small Nano footprint provides the possibility of providing machine learning to a range of
wearable devices including sports trackers and VR controllers.
Voice assistant: The Nano RP2040 Connect includes an omnidirectional microphone that can act as your personal
digital assistant and enable voice control for your projects.
1.2 Accessories
Micro USB cable
15-pin 2.54 mm male headers
15-pin 2.54 mm stackable headers
1.3 Related Products
Gravity: Nano I/O Shield
2 Ratings
2.1 Recommended Operating Conditions
Symbol
Description
Min
Typ
Max
Unit
VIN
Input voltage from VIN pad
4
5
20
V
VUSB
Input voltage from USB connector
4.75
5
5.25
V
V3V3
3.3V output to user application
3.25
3.3
3.35
V
I3V3
3.3V output current (including onboard IC)
-
-
800
mA
VIH
Input high-level voltage
2.31
-
3.3
V
VIL
Input low-level voltage
0
-
0.99
V
IOH Max
Current at VDD-0.4 V, output set high
8
mA
IOL Max
Current at VSS+0.4 V, output set low
8
mA
VOH
Output high voltage, 8 mA
2.7
-
3.3
V
VOL
Output low voltage, 8 mA
0
-
0.4
V
TOP
Operating Temperature
-20
-
80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com