Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00053 Datasheet(PDF) 2 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 2 Page - Arduino

  ABX00053_V01 Datasheet HTML 1Page - Arduino ABX00053_V01 Datasheet HTML 2Page - Arduino ABX00053_V01 Datasheet HTML 3Page - Arduino ABX00053_V01 Datasheet HTML 4Page - Arduino ABX00053_V01 Datasheet HTML 5Page - Arduino ABX00053_V01 Datasheet HTML 6Page - Arduino ABX00053_V01 Datasheet HTML 7Page - Arduino ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Arduino® Nano RP2040 Connect
2 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
Features
Raspberry Pi RP2040 Microcontroller
133 MHz 32bit Dual Core Arm® Cortex®-M0+
264 kB on-chip SRAM
Direct Memory Access (DMA) controller
Support for up to 16 MB of off-chip Flash memory via dedicated QSPI bus
USB 1.1 controller and PHY, with host and device support
8 PIO state machines
Programmable IO (PIO) for extended peripheral support
4 channel ADC with internal temperature sensor, 0.5 MSa/s, 12-bit conversion
SWD Debugging
2 on-chip PLLs to generate USB and core clock
40nm process node
Multiple low power mode support
USB 1.1 Host/Device
Internal Voltage Regulator to supply the core voltage
Advanced High-performance Bus (AHB)/Advanced Peripheral Bus (APB)
U-blox® Nina W102 Wi-Fi®/Bluetooth® Module
240 MHz 32bit Dual Core Xtensa LX6
520 kB on-chip SRAM
448 Kbyte ROM for booting and core functions
16 Mbit FLASH for code storage including hardware encryption to protect programs and data
1 kbit EFUSE (non- erasable memory) for MAC addresses, module configuration, Flash-Encryption, and
Chip-ID
IEEE 802.11b/g/n single-band 2.4 GHz Wi-Fi® operation
Bluetooth® 4.2
Integrated Planar Inverted-F Antenna (PIFA)
4x 12-bit ADC
3x I2C, SDIO, CAN, QSPI
Memory
AT25SF128A 16 MB NOR Flash
QSPI data transfer rate up to 532Mbps
100K program/erase cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com