Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00053 Datasheet(PDF) 14 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 14 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino ABX00053_V01 Datasheet HTML 13Page - Arduino ABX00053_V01 Datasheet HTML 14Page - Arduino ABX00053_V01 Datasheet HTML 15Page - Arduino ABX00053_V01 Datasheet HTML 16Page - Arduino ABX00053_V01 Datasheet HTML 17Page - Arduino ABX00053_V01 Datasheet HTML 18Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Arduino® Nano RP2040 Connect
14 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
4.6 Board Recovery
All Arduino boards have a built-in bootloader which allows flashing the board via USB. In case a sketch locks up the
processor and the board is not reachable anymore via USB it is possible to enter bootloader mode by double-
tapping the reset button right after power up.
5 Connector Pinouts
5.1 J1 Micro USB
Pin
Function
Type
Description
1
VBUS
Power
5V USB Power
2
D-
Differential
USB differential data -
3
D+
Differential
USB differential data +
4
ID
Digital
Unused
5
GND
Power
Ground
5.2 JP1
Pin
Function
Type
Description
1
TX1
Digital
UART TX / Digital Pin 1
2
RX0
Digital
UART RX / Digital Pin 0
3
RST
Digital
Reset
4
GND
Power
Ground
5
D2
Digital
Digital Pin 2
6
D3
Digital
Digital Pin 3
7
D4
Digital
Digital Pin 4
8
D5
Digital
Digital Pin 5
9
D6
Digital
Digital Pin 6
10
D7
Digital
Digital Pin 7
11
D8
Digital
Digital Pin 8
12
D9
Digital
Digital Pin 9
13
D10
Digital
Digital Pin 10
14
D11
Digital
Digital Pin 11
15
D12
Digital
Digital Pin 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com