Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00053 Datasheet(PDF) 3 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 3 Page - Arduino

  ABX00053_V01 Datasheet HTML 1Page - Arduino ABX00053_V01 Datasheet HTML 2Page - Arduino ABX00053_V01 Datasheet HTML 3Page - Arduino ABX00053_V01 Datasheet HTML 4Page - Arduino ABX00053_V01 Datasheet HTML 5Page - Arduino ABX00053_V01 Datasheet HTML 6Page - Arduino ABX00053_V01 Datasheet HTML 7Page - Arduino ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Arduino® Nano RP2040 Connect
3 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
ST LSM6DSOXTR 6-axis IMU
3D Gyroscope
±2/±4/±8/±16 g full scale
3D Accelerometer
±125/±250/±500/±1000/±2000 dps full scale
Advanced pedometer, step detector and step counter
Significant Motion Detection, Tilt detection
Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double-click
Programmable finite state machine: accelerometer, gyroscope and external sensors
Machine Learning Core
Embedded temperature sensor
ST MP34DT06JTR MEMS Microphone
AOP = 122.5 dBSPL
64 dB signal-to-noise ratio
Omnidirectional sensitivity
-26 dBFS ± 1 dB sensitivity
RGB LED
Common Anode
Connected to u-blox® Nina W102 GPIO
Microchip® ATECC608A Crypto
Cryptographic Co-Processor with Secure Hardware-Based Key Storage
I2C, SWI
Hardware Support for Symmetric Algorithms:
SHA-256 & HMAC Hash including off-chip context save/restore
AES-128: Encrypt/Decrypt, Galois Field Multiply for GCM
Internal High-Quality NIST SP 800-90A/B/C Random Number Generator (RNG)
Secure Boot Support:
Full ECDSA code signature validation, optional stored digest/signature
Optional communication key disablement prior to secure boot
Encryption/Authentication for messages to prevent on-board attacks
I/O
14x Digital Pin
8x Analog Pin
Micro USB
UART, SPI, I2C Support
Power
Buck step-down converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com