Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO800E1 Datasheet (PDF) - Rakon Limited

LNO800E1 Datasheet PDF - Rakon Limited
Part # LNO800E1
Download  LNO800E1 Download
File Size   814.33 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @800 MHz

LNO800E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO800E1 Datasheet PDF - Rakon Limited

Part # LNO800E1
Download  LNO800E1 Click to download

File Size   814.33 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @800 MHz

LNO800E1 Datasheet (HTML) - Rakon Limited


LNO800E1 Product details

Product Description
LNO800 E1 is a low noise and low power OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 800MHz, powered with a low voltage +5V power supply.
It is designed for lab environment (test equipment, shelter, ground based military equipment, etc.).
The 800MHz signal is generated from a 400MHz fundamental frequency, followed by a low noise frequency doubler.
LNO800 E1 is available in a tiny 25.4 x 22 x 12.7 mm3 SMD package, specially designed to be soldered through reflow process.

Features
 Excellent phase noise performance (typical values) :
o - 137dBc/Hz @ 1 kHz offset
o - 160dBc/Hz @ 10 kHz offset
o - 167dBc/Hz noise floor

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3




Similar Part No. - LNO800E1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
More results


Similar Description - LNO800E1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
Mini-Circuits
TO-0812LN MINI-TO-0812LN Datasheet
69Kb / 1P
Plug-In Low Noise Amplifier 800 to 1200 MHz
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
800 - 900 MHz LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com