Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4580IDDFR Datasheet (PDF) - Texas Instruments

RC4580IDDFR Datasheet PDF - Texas Instruments
Part # RC4580IDDFR
Download  RC4580IDDFR Download
File Size   1841.33 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description RC4580 Dual Audio Operational Amplifier

RC4580IDDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4580IDDFR Datasheet PDF - Texas Instruments

Part # RC4580IDDFR
Download  RC4580IDDFR Click to download

File Size   1841.33 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description RC4580 Dual Audio Operational Amplifier

RC4580IDDFR Datasheet (HTML) - Texas Instruments


RC4580IDDFR Product details

1 Features
• Operating voltage: ±2V to ±18V
• Low noise voltage: 0.8μVrms
• Gain bandwidth product: 12MHz
• Total harmonic distortion: 0.0005%
• Slew rate: 5V/μs
• Drop-in replacement for NJM4580
• Pin and function compatible with LM833, NE5532,
NJM4558/9, and NJM4560/2/5 devices

2 Applications
• Audio Preamplifiers
• Active Filters
• Headphone Amplifiers
• Industrial Measurement Equipment

3 Description
The RC4580 device is a dual operational amplifier
that has been designed optimally for audio
applications, such as improving tone control. The
device offers low noise, high gain bandwidth, low
harmonic distortion, and high output current designed
for audio electronics, such as preamplifiers, active
filters, and industrial measurement equipment. When
high output current is required, the RC4580 device
can be used as a headphone amplifier. Due to the
wide operating supply voltage of the device, the
RC4580 device can also be used in low-voltage
applications.




Similar Part No. - RC4580IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580ID TI-RC4580ID Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
410Kb / 14P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI1-RC4580ID Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
More results


Similar Description - RC4580IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580 Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com