Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4580IDDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # RC4580IDDFR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IDDFR Datasheet(HTML) 4 Page - Texas Instruments

  RC4580IDDFR Datasheet HTML 1Page - Texas Instruments RC4580IDDFR Datasheet HTML 2Page - Texas Instruments RC4580IDDFR Datasheet HTML 3Page - Texas Instruments RC4580IDDFR Datasheet HTML 4Page - Texas Instruments RC4580IDDFR Datasheet HTML 5Page - Texas Instruments RC4580IDDFR Datasheet HTML 6Page - Texas Instruments RC4580IDDFR Datasheet HTML 7Page - Texas Instruments RC4580IDDFR Datasheet HTML 8Page - Texas Instruments RC4580IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VCC
Supply voltage
±18
V
VI
Input voltage (any input)
±15
V
VID
Differential input voltage
±30
V
IO
Output current
±50
mA
TA
Ambient temperature range
–40
125
°C
Tstg
Storage temperature range
–60
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
0
1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
0
1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC+
Supply voltage
2
16
V
VCC–
–2
–16
VICR
Input common-mode voltage range
–13.5
13.5
V
TA
Operating free-air temperature
–40
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
RC4580
UNIT
D
(SOIC)
P
(PDIP)
PW
(TSSOP)
DGK
(VSSOP)
DDF
(SOT-23)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
109
99.2
163
160.5
177.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
55.7
78.8
38
70.2
96.5
RθJB
Junction-to-board thermal resistance
49
61.9
90.6
95.6
95.2
ψJT
Junction-to-top characterization parameter
10.6
44.8
1.3
8.8
9.5
ψJB
Junction-to-board characterization parameter
48.6
61.2
88.9
94.0
95.0
RθJC(bot) Junction-to-case (bottom) thermal resistance
—
—
—
—
—
(1)
For more information about traditional and new thermal metrics, see the Semiconductor IC Package Thermal Metrics application note.
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com