Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4580IDDFR Datasheet(PDF) 3 Page - Texas Instruments

Part # RC4580IDDFR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IDDFR Datasheet(HTML) 3 Page - Texas Instruments

  RC4580IDDFR Datasheet HTML 1Page - Texas Instruments RC4580IDDFR Datasheet HTML 2Page - Texas Instruments RC4580IDDFR Datasheet HTML 3Page - Texas Instruments RC4580IDDFR Datasheet HTML 4Page - Texas Instruments RC4580IDDFR Datasheet HTML 5Page - Texas Instruments RC4580IDDFR Datasheet HTML 6Page - Texas Instruments RC4580IDDFR Datasheet HTML 7Page - Texas Instruments RC4580IDDFR Datasheet HTML 8Page - Texas Instruments RC4580IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
4 Pin Configuration and Functions
1
1OUT
8
VCC+
2
1IN–
7
2OUT
3
1IN+
6
2IN–
4
VCC–
5
2IN+
Not to scale
Figure 4-1. D, PW, and DGK Packages
8-Pin SOIC, TSSOP, and VSSOP
(Top View)
1
1OUT
8
V CC+
2
1IN–
7
2OUT
3
1IN+
6
2IN–
4
V CC–
5
2IN+
Not to scale
Figure 4-2. DDF Package
8-Pin SOT-23
(Top View)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1IN+
3
I
Noninverting input
1IN–
2
I
Inverting input
1OUT
1
O
Output
2IN+
5
I
Noninverting input
2IN–
6
I
Inverting input
2OUT
7
O
Output
VCC+
8
—
Positive supply
VCC–
4
—
Negative supply
www.ti.com
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com