Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4580IDDFR Datasheet(PDF) 10 Page - Texas Instruments

Part # RC4580IDDFR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IDDFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button RC4580IDDFR Datasheet HTML 6Page - Texas Instruments RC4580IDDFR Datasheet HTML 7Page - Texas Instruments RC4580IDDFR Datasheet HTML 8Page - Texas Instruments RC4580IDDFR Datasheet HTML 9Page - Texas Instruments RC4580IDDFR Datasheet HTML 10Page - Texas Instruments RC4580IDDFR Datasheet HTML 11Page - Texas Instruments RC4580IDDFR Datasheet HTML 12Page - Texas Instruments RC4580IDDFR Datasheet HTML 13Page - Texas Instruments RC4580IDDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
7.1.1 Design Requirements
The design requirements are as follows:
• Supply voltage: 15V
• Reference voltage: 12V
• Input: 2V to 10V
• Output differential: ±8V
7.1.2 Detailed Design Procedure
The circuit in Figure 7-1 takes a single-ended input signal, VIN, and generates two output signals, VOUT+ and
VOUT– using two amplifiers and a reference voltage, VREF. VOUT+ is the output of the first amplifier and is a
buffered version of the input signal, VIN (see Equation 1). VOUT– is the output of the second amplifier which
uses VREF to add an offset voltage to VIN and feedback to add inverting gain. The transfer function for VOUT– is
Equation 2.
VOUT+ = VIN
(1)
4
2
2
out
ref
in
3
4
1
1
R
R
R
V
V
1
V
R
R
R
R
-
æ
ö æ
ö
=
´
´
+
-
´
ç
÷ ç
÷
+
è
ø
è
ø
OUT
REF
4
3
4
2
1
1
2
+
IN
(2)
The differential output signal, VDIFF, is the difference between the two single-ended output signals, VOUT+ and
VOUT–. Equation 3 shows the transfer function for VDIFF. By applying the conditions that R1 = R2 and R3 = R4, the
transfer function is simplified into Equation 6. Using this configuration, the maximum input signal is equal to the
reference voltage and the maximum output of each amplifier is equal to the VREF. The differential output range is
2×VREF. Furthermore, the common-mode voltage is one half of VREF (see Equation 7).
2
4
2
D IF F
O U T
O U T
IN
R E F
1
3
4
1
R
R
R
V
V
V
V
1
V
1
R
R
R
R
+
-
æ
ö
æ
ö
æ
ö
=
-
=
´
+
-
´
+
ç
÷
ç
÷
ç
÷
+
è
ø
è
ø
è
ø
(3)
VOUT+ = VIN
(4)
VOUT– = VREF – VIN
(5)
VDIFF = 2×VIN – VREF
(6)
OUT
OUT
cm
REF
V
V
1
V
V
2
2
+
-
+
æ
ö
=
=
ç
÷
è
ø
(7)
7.1.2.1 Amplifier Selection
Linearity over the input range is key for good DC accuracy. The common-mode input range and the output swing
limitations determine the linearity. In general, an amplifier with rail-to-rail input and output swing is required.
Bandwidth is a key concern for this design. The RC4580 device has a bandwidth of 12MHz, therefore this circuit
is only be able to process signals with frequencies of less than 12MHz.
7.1.2.2 Passive Component Selection
Because the transfer function of VOUT– is heavily reliant on resistors (R1, R2, R3, and R4), use resistors with low
tolerances to maximize performance and minimize error. This design used resistors with resistance values of
36kΩ with tolerances measured to be within 2%. But, if the noise of the system is a key parameter, the user can
select smaller resistance values (6kΩ or lower) to keep the overall system noise low. This ensures that the noise
from the resistors is lower than the amplifier noise.
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com