Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4580IDDFR Datasheet(PDF) 1 Page - Texas Instruments

Part # RC4580IDDFR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IDDFR Datasheet(HTML) 1 Page - Texas Instruments

  RC4580IDDFR Datasheet HTML 1Page - Texas Instruments RC4580IDDFR Datasheet HTML 2Page - Texas Instruments RC4580IDDFR Datasheet HTML 3Page - Texas Instruments RC4580IDDFR Datasheet HTML 4Page - Texas Instruments RC4580IDDFR Datasheet HTML 5Page - Texas Instruments RC4580IDDFR Datasheet HTML 6Page - Texas Instruments RC4580IDDFR Datasheet HTML 7Page - Texas Instruments RC4580IDDFR Datasheet HTML 8Page - Texas Instruments RC4580IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RC4580 Dual Audio Operational Amplifier
1 Features
• Operating voltage: ±2V to ±18V
• Low noise voltage: 0.8μVrms
• Gain bandwidth product: 12MHz
• Total harmonic distortion: 0.0005%
• Slew rate: 5V/μs
• Drop-in replacement for NJM4580
• Pin and function compatible with LM833, NE5532,
NJM4558/9, and NJM4560/2/5 devices
2 Applications
• Audio Preamplifiers
• Active Filters
• Headphone Amplifiers
• Industrial Measurement Equipment
3 Description
The RC4580 device is a dual operational amplifier
that
has
been
designed
optimally
for
audio
applications, such as improving tone control. The
device offers low noise, high gain bandwidth, low
harmonic distortion, and high output current designed
for audio electronics, such as preamplifiers, active
filters, and industrial measurement equipment. When
high output current is required, the RC4580 device
can be used as a headphone amplifier. Due to the
wide operating supply voltage of the device, the
RC4580 device can also be used in low-voltage
applications.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE(2)
RC4580
D (SOIC, 8)
3.9mm × 4.9mm
P (PDIP, 8)
9.81mm × 9.43mm
PW (TSSOP, 8)
3.0mm × 4.4mm
DGK (VSSOP, 8)
3.0mm × 3.0mm
DDF (SOT-23, 8)
1.6mm × 2.9mm
(1)
For all available packages, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
+
RIN
RG
RF
VOUT
VIN
Noninverting Amplifier Schematic
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - RC4580IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580ID TI-RC4580ID Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI-RC4580ID Datasheet
410Kb / 14P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580ID TI1-RC4580ID Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
More results

Similar Description - RC4580IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580 Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com