Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet (PDF) - France Joint

FACESEALS Datasheet PDF - France Joint
Part # FACESEALS
Download  FACESEALS Download
File Size   2667.36 Kbytes
Page   20 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description FLOATING SEALS

FACESEALS Datasheet (PDF)

Go To PDF Page Download Datasheet
FACESEALS Datasheet PDF - France Joint

Part # FACESEALS
Download  FACESEALS Click to download

File Size   2667.36 Kbytes
Page   20 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description FLOATING SEALS

FACESEALS Datasheet (HTML) - France Joint


FACESEALS Product details

Description
Track vehicles and construction machinery are constantly evolving, as they face extreme environments and come into contact with dust, water and mud splashes, and stone, as well as the effects of ultra violet rays and aggressive fluids. Such restrictions mean that strong floating seals must be used that are able to resist abrasion and corrosion.
Floating seals are characterised by two identical metal friction rings mounted one on top of the other and centred in their groove by two rubber components that exercise a uniform axial pressure between the seal and the housing. The first metal ring remains static in its housing while the other, in rotation, ensures the sealing by creating friction between the two components in contact. The mating surface material of the friction ring is lapped to a width of approximately 2.5 mm.
The metal friction rings are conically designed with a perpendicular angle, so that when the seal rings come in contact there is a wedge-shaped gap perpendicular to the axis, which encourages the flow of lubricant towards the seal surfaces. Additionally, the friction exercised over time causes the friction surfaces to continually move towards the
inside diameter of the seal, which provides resistance to significant wear and thus extends its longevity.

DESCRIPTION
The BECA 830 profile is
a standard floating seal
composed of two metal parts
made from 100Cr6 steel or cast
iron and two rubber O'Rings.

APPLICATIONS
Construction machinery
Excavator rollers
Rigid axles on tractors
Gear boxes
Steering axles

DESCRIPTION
The BECA 831 profile is
a standard floating seal
composed of two metal
parts made from 100Cr6
steel or cast iron and two
rubber Belleville seals.

APPLICATIONS
Construction machinery
Screw conveyors for
abrasive materials
Harvesting machinery




Similar Part No. - FACESEALS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
534Kb / 3P
Caps to Holder FEU, FEU (Med), FAU, FAC
FAC SCHURTER-FAC Datasheet
452Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
FAC SCHURTER-FAC Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
More results


Similar Description - FACESEALS

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com