Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 9 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 9 Page - France Joint

Back Button FACESEALS Datasheet HTML 5Page - France Joint FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint FACESEALS Datasheet HTML 13Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
}
NBR (Nitrile Butadiene Rubber)
Nitrile rubber (NBR) is the general term for acrylonitrile-butadiene copolymer. The ACN content can vary between
18% and 50%. While the acrylonitrile content is important, the resistance to oil and fuel is more so. Conversely, the
elasticity and compression set are not as good. The NBR has good mechanical properties and good wear resistance.
However, its resistance to atmospheric agents and the ozone is relatively low.
Chemical resistance
Aliphatic hydrocarbons (propane, butane, petroleum, diesel fuel)
Mineral oils and greases
Fire-resistant fluids (HFA, HFB and HFC)
Diluted acids, low-temperature alkaline and saline solutions
Water (up to +100°C max)
Compatibility issue
Fuels with high aromatic content
Aromatic hydrocarbons (benzene)
Chlorinated hydrocarbons (trichlorethylene)
Polar solvents (ketone, acetone, acetic acid, ethylene-ester)
Strong acids
Glycol-based brake fluids
Atmospheric and ozone agents
Temperature range
-30°C/+100°C
-40°C / +100°C with particular NBRs
Hardness
50 Shore A
60 Shore A
}
VMQ (silicone rubber: Methyl Vinyl Polysiloxane
Resistance to chemicals
Animal and vegetable oils and greases
Water for operation at an average temperature
Diluted saline solutions
Atmospheric and ozone agents
Compatibility issue
Superheated steam up to +120°C
Chlorinated hydrocarbons with a low molecular weight (trichlorethylene)
Aromatic hydrocarbons (benzene, toluene)
Atmospheric and ozone agents
Temperature range
-60°C/+200°C
Hardness
60 Shore A
65 Shore A
70 Shore A
EN-TETE CONTINU
EN-TETE CONTINU
www.francejoint.com
FACE SEALS - FLOATING SEALS
FACE SEALS - FLOATING SEALS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com