Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 8 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 8 Page - France Joint

Back Button FACESEALS Datasheet HTML 4Page - France Joint FACESEALS Datasheet HTML 5Page - France Joint FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
}
100Cr6 Bearing steel
100Cr6 steel is a more cost-effective alternative that is generally used as a spare part solution. This material can
support a speed up to 2.2 m/sec.
Chemical composition in %
C
0.8 - 1.0
Mn
0.2 - 0.4
Si
0.2 - 0.3
P
< 0.02
S
< 0.02
Cr
0.8 - 1.5
Ni
< 0.2
Cu
< 0.2
Mo
0.02 - 0.08
Hardness
65 - 72 HRC
3�2
RUBBER PARTS
}
FKM (fluorinated rubber)
Rubbers must offer a strong compression set to guarantee that the axial force is maintained while the seal is in use.
Depending on their structure and fluorine content, fluoroelastomers can vary in terms of chemical resistance and
resistance to cold.
Resistance to chemicals
Mineral oils and greases, ASTM n°1, IRM 902 and IRM 903 oils.
Fire-resistant liquids (HFD)
Silicone oils and greases
Mineral and vegetable oils and greases
Aliphatic hydrocarbons (propane, butane, petroleum)
Aromatic hydrocarbons (benzene, toluene)
Chlorinated hydrocarbons (trichlorethylene)
Fuel (including high alcohol content)
Atmospheric and ozone agents
Compatibility issue
Glycol-based brake fluids
Ammonia gas
Organic acids with a low molecular weight (formic and acetic acids)
Temperature range
-20°C / +180°C (short-term peak at +200°C)
Hardness
60 Shore A
70 Shore A
}
HNBR (Hydrogenated Nitrile Butadiene Rubber)
This HNBR-based elastomer is obtained through selective hydrogenation of the NBR's butadiene groups.
Resistance to chemicals
Aliphatic hydrocarbons
Mineral and vegetable oils and greases
Fire-resistant fluids (HFA, HFB and HFC)
Diluted acids, saline solutions and bases for operation at an average
temperature
Water and steam up to +150°C
Atmospheric and ozone agents
Compatibility issue
Chlorinated hydrocarbons
Polar solvents (ketones, esters and ethers)
Strong acids
Temperature range
-40°C/+150°C
Hardness
60 Shore A
70 Shore A
EN-TETE CONTINU
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FACE SEALS - FLOATING SEALS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com