Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 10 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 10 Page - France Joint

Back Button FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint FACESEALS Datasheet HTML 13Page - France Joint FACESEALS Datasheet HTML 14Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
3�3
CHEMICAL COMPATIBILITY
A "Chemical compatibility guide"
catalogue can be downloaded from
our website:
www.francejoint.com
You can also use our online "
Chemical
compatibility" tool free of charge.
These two tools enable you to measure the behaviour of our materials that come into contact with the majority of
existing fluids. The data displayed is the result of rigorous testing at the ambient temperature and takes previous
publications into consideration. Test results are not fully representative because of the specific features of your
application. The tests performed actually do not consider additives and impurities that may exist under actual
conditions of use, nor the potential elevation of temperatures. Other parameters can also alter the behaviour of our
materials, such as the hardness, persistence, abrasion, etc. We therefore recommend performing your own tests to
verify the compatibility of our materials depending on your specific application. Our technical team can provide you
with any additional information.
4.
Technical data
4�1
TEMPERATURE
Floating seals are temperature-limited because of their rubber parts. The table below sets out the thermal resistance
of seals according to their materials.
VMQ
NBR
HNBR
FKM
Temperature (°C)
-100
-50
0
50
100
150
200
250
300
350
uids with our materials
Operating temperature
Under particular conditions with special materials
Only applicable data with compatible
4�2
PRESSURE
Floating seals can be used at different pressures, depending on the types of materials and applications. The graph
below sets out the pressure levels (MPa) that must not be exceeded.
Application
0
0,10
0,20
0,30
0,40
0,50
Static
Dynamic
in Steel
Dynamic
in Cast iron
EN-TETE CONTINU
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FACE SEALS - FLOATING SEALS
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com