Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 12 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 12 Page - France Joint

Back Button FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint FACESEALS Datasheet HTML 13Page - France Joint FACESEALS Datasheet HTML 14Page - France Joint FACESEALS Datasheet HTML 15Page - France Joint FACESEALS Datasheet HTML 16Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
4�4
MEDIA
For the system to operate correctly, it is necessary to lubricate the seal at the sealing gaps. We recommend using oil
lubrication rather than grease lubrication.
•
For an oil lubrication that is permanent and does not require upkeep, the oil level must be between the 2/3 of the
inside diameter of the seal and the middle of the axis. We recommend using SAE 80 and SAE 90 gearbox oils
for a better operation.
•
Grease lubrication requires particular attention. It is avoided due to the hydrodynamic conditions of lubrication
that cannot be met, which could lead to significant wear and therefore a premature deterioration of the seal. If
grease lubrication is used, the grease must not be inserted between the friction surfaces of the seal.
4�5
DETERMINING THE FRICTION POWER
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
20
40
80
60
100 120 140 160 180
200 220 240 260 280 300 320
PS
KW
0.074
0.147
0.220
0.294
0.368
0.441
0.515
0.590
0.660
0.734
0.810
0.882
0.955
1.030
1.180
1.250
1.320
1.400
1.470
1.100
200 r.p.m
250 r.p.m
320 r.p.m
400 r.p.m
500 r.p.m
630 r.p.m
780 r.p.m
1230 r.p.m
980 r.p.m
Outside diameter of seal face (mm)
5.
Design recommendations
5�1
DETERMINING
THE INSTALLATION
DIMENSION "I"
The installation dimension "I" affects the floating seal
position, O'Ring compression and axial force. For
standard applications using the BECA 830 profiles, a
value of 3 mm (+/-0.5) must be taken into consideration
for the installation dimension
We recommend increasing the assembly dimension to
prevent a load on the seal surfaces that is too large,
which leads to heating during significant peripheral
speeds (5 to 10 m/sec).
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9 10
Installation dimension l (mm)
O’Ring cross-section Ød2 =6.5 - 7.5 mm
O’Ring cross-section Ød2 = 12.7 mm
O’Ring cross-section Ød2 = 16 mm
O’Ring cross-section Ød2 = 8 - 10 mm
EN-TETE CONTINU
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FACE SEALS - FLOATING SEALS
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com