Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 7 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 7 Page - France Joint

Back Button FACESEALS Datasheet HTML 3Page - France Joint FACESEALS Datasheet HTML 4Page - France Joint FACESEALS Datasheet HTML 5Page - France Joint FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
BECA 830: Screw conveyor for abrasive materials
BECA 831: Screw conveyor for abrasive materials
3.
Materials
3�1
METAL PARTS
}
15CrMoNi Cast iron
The standard material used for metal parts is a cast iron that has been developed to resist extreme conditions
(abrasive, corrosive and heavy-duty outdoor environments). It can support a speed up to 3 m/sec.
Chemical composition in %
C
3.2 - 3.8
Mn
0.5 - 1.0
Si
1.0 - 2.0
P
< 0.2
S
< 0.2
Cr
14.0 - 16.0
Ni
0.4 - 0.6
Mo
0.8 - 1.2
V
≤ 0.2
Hardness
65 - 72 HRC
}
Durinit Cast iron
Durinit is a special cast iron developed for applications with a maximum speed of 10 m/s.
Chemical composition in %
C
2.8 - 3.6
Mn
0.3 - 0.9
Si
1.5 - 2.0
P
≤ 0.3
S
≤ 0.1
Cr
2.5 - 3.0
Ni
3.5 - 4.0
Mo
0.3 - 0.5
V
≤ 0.4
Hardness
58 - 65 HRC
EN-TETE CONTINU
EN-TETE CONTINU
www.francejoint.com
FACE SEALS - FLOATING SEALS
FACE SEALS - FLOATING SEALS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com