Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 11 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 11 Page - France Joint

Back Button FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint FACESEALS Datasheet HTML 13Page - France Joint FACESEALS Datasheet HTML 14Page - France Joint FACESEALS Datasheet HTML 15Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
4�3
SPEED
Floating seals can withstand speeds of up to 10 m/s depending on the quality of the materials selected for the metal
friction rings.
The graph below sets out the limitations of use according to the materials.
Materials
0
2
1
4
3
6
5
8
7
10
9
Steel 100Cr6
15CrMoNi Cast iron
Durinit Cast iron
The graph below converts the rotation speed (rpm) into peripheral speed (m/s) according to the outside diameter
ØDa of the seal.
Peripherical speed (m/s)
Possible
grease lubrication
Installation dimension I to be adpated
Example : for a diameter ØDa = 245,00 mm with a speed of 400 r.p.m,
the peripheral speed is 5,13 m/s and installation dimension I is to be adapted.
0
0
1
2
3
4
5
6
7
8
9
10
11
12
50
100
150
200
250
300
350
400
450
500
25 50 75 100 125 150
200
300
400
500
750
1000
2000
4000
Speed (r.p.m)
EN-TETE CONTINU
EN-TETE CONTINU
www.francejoint.com
FACE SEALS - FLOATING SEALS
FACE SEALS - FLOATING SEALS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com