Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACESEALS Datasheet(PDF) 14 Page - France Joint

Part # FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Datasheet(HTML) 14 Page - France Joint

Back Button FACESEALS Datasheet HTML 10Page - France Joint FACESEALS Datasheet HTML 11Page - France Joint FACESEALS Datasheet HTML 12Page - France Joint FACESEALS Datasheet HTML 13Page - France Joint FACESEALS Datasheet HTML 14Page - France Joint FACESEALS Datasheet HTML 15Page - France Joint FACESEALS Datasheet HTML 16Page - France Joint FACESEALS Datasheet HTML 17Page - France Joint FACESEALS Datasheet HTML 18Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
EN-TETE CONTINU
EN-TETE CONTINU
DESCRIPTION
The BECA 830 profile is
a standard floating seal
composed of two metal parts
made from 100Cr6 steel or cast
iron and two rubber O'Rings.
ADVANTAGES
Wide temperature
range, depending on
the material chosen
Longer lifespan
Very little maintenance required
Easy to fit
APPLICATIONS
Construction machinery
Excavator rollers
Rigid axles on tractors
Gear boxes
Steering axles
MATERIALS
Metal rings
100Cr6 Steel
15CrMoNi Cast iron
Durinit Cast iron
O'Rings
FKM
HNBR
NBR
VMQ
FLOATING SEALS
BECA 830
I
L2
L
R1
R
R = 0,5 mm
R = 0,5 mm
L1
L4
10°
DIMENSIONS
Part number
I
Dimensions
of the floating seal
Dimensions
of the O'Ring
Dimensions
of the housing
ØDi
ØDa
L
Ød1
Ød2
ØD*
ØD1*
ØD3
L1
L2
L4
R1
*tol +/-
830�003803
3�00
38�00
51�00
20�00
40�00
6�70
53�70
53�00
46�00
10�00
11�50
1�80
2�00
0�10
830�003804
3�00
38�00
51�00
20�00
41�00
6�00
53�70
53�00
46�00
9�00
11�00
1�80
2�00
0�10
830�003801
38�00
51�00
20�40
41�00
6�00
830�004502
3�00
45�00
58�00
21�00
48�00
6�10
61�60
60�80
53�40
10�00
12�00
1�80
2�50
0�10
830�004601
3�00
46�00
59�00
20�00
47�50
6�50
62�50
61�80
56�00
8�50
10�50
1�80
2�00
0�10
830�004801
48�00
58�00
14�40
51�00
4�00
830�004802
3�00
48�00
62�15
25�00
50�00
7�50
68�00
67�20
58�00
12�00
14�00
2�00
3�00
0�10
830�005505
3�00
55�50
70�00
22�00
58�00
7�50
73�80
73�10
65�50
10�00
11�50
2�40
5�00
0�10
830�005506
3�00
55�50
70�00
22�00
58�00
8�00
74�80
74�10
65�50
10�00
11�50
2�40
5�00
0�10
830�005601
56�00
70�00
26�00
60�00
7�60
FACE SEALS - FLOATING SEALS
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FACE SEALS - FLOATING SEALS |
BECA 830
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com