Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet (PDF) - ON Semiconductor

LM2596 Datasheet PDF - ON Semiconductor
Part # LM2596
Download  LM2596 Download
File Size   712.18 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A, Step-Down Switching Regulator

LM2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596 Datasheet PDF - ON Semiconductor

Part # LM2596
Download  LM2596 Click to download

File Size   712.18 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A, Step-Down Switching Regulator

LM2596 Datasheet (HTML) - ON Semiconductor


LM2596 Product details

Features
• Adjustable Output Voltage Range 1.23 V − 37 V
• Guaranteed 3.0 A Output Load Current
• Wide Input Voltage Range up to 40 V
• 150 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability
• Low Power Standby Mode, typ 80 A
• Thermal Shutdown and Current Limit Protection
• Internal Loop Compensation
• Moisture Sensitivity Level (MSL) Equals 1
• These Devices are Pb−Free

Applications
• Simple High−Efficiency Step−Down (Buck) Regulator
• Efficient Pre−Regulator for Linear Regulators
• On−Card Switching Regulators
• Positive to Negative Converter (Buck−Boost)
• Negative Step−Up Converters
• Power Supply for Battery Chargers




Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
2.5 A step-down switching regulator
28-Aug-2008
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com