Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX16201 Datasheet (PDF) - Melexis Microelectronic Systems

MLX16201 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX16201
Download  MLX16201 Download
File Size   314.98 Kbytes
Page   25 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Intelligent relay driver for automotive applications ROM version for series production

MLX16201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX16201 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX16201
Download  MLX16201 Click to download

File Size   314.98 Kbytes
Page   25 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Intelligent relay driver for automotive applications ROM version for series production

MLX16201 Datasheet (HTML) - Melexis Microelectronic Systems


MLX16201 Product details

Features
CPU and Interrupts
• WORD- (16 Bit), BYTE- (8 Bit), and BIT- (1Bit) Operations possible
• 11 different user interrupt sources (including RESET)
Memories • 8k*8 user ROM
• 256*8 RAM
• 128*16 EEPROM
Periphery • 1 On-Chip-Timer
• 1 Timer-Capture-Register (16 bits)
• 2 Timer-Compare-Register (16 bits)
• Window watch dog (5ms/10ms)
• 1 PWM output 20.8 kHz, 7-Bit+1 (duty cycle from 0 to 100%)
• 1 A/D converter (8 bits, 16µs) internal and external reference possible
• 8 ADC-channels analogue multiplexer
• On-Chip-Temperature-Sensor
• 2 Relay driver outputs, integrated free wheel function
• 2 voltage outputs for driving external circuitry
• 8 bi-directional ports with different possible thresholds, 5V output
function
• 2 Interrupt inputs for timer capture
Additional features • On-Chip-8 MHz-Oscillator (No external components)
• 4V to 26V voltage range, 80V load dump protected,
• typical 150 µA sleep mode current
• Small SO20 package
Development tools • Development Environment available with the 10108xy:
• Assembler, Linker, Object-File-Generator, HEX-File Generator, CCompiler
• ROM-Emulator, In-Circuit-Emulator
• PLCC68 for external ROM-Possibility, ROM-Emulation and InCircuit-Emulation
• SO24 as OTP for SW development and SW evaluation
• MLX-Programmer for OTPs




Similar Part No. - MLX16201

ManufacturerPart #DatasheetDescription
logo
ABB
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
logo
Melexis Microelectronic...
MLX16303 MELEXIS-MLX16303 Datasheet
282Kb / 20P
Bi-directional Remote Sensor Unit Interface
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
MLX16305EDC-CCA-000-RE MELEXIS-MLX16305EDC-CCA-000-RE Datasheet
447Kb / 29P
Interlock switch sensor interface IC
More results


Similar Description - MLX16201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
Solid State Relay for Automotive Flasher Applications
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
BTL Driver For DVD-ROM
logo
Freescale Semiconductor...
33288 FREESCALE-33288 Datasheet
315Kb / 15P
Solid State Relay for Automotive Flasher Applications
logo
Rohm
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
BLT Driver For DVD-ROM
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com