Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3771 Datasheet (PDF) - Diodes Incorporated

AP3771 Datasheet PDF - Diodes Incorporated
Part # AP3771
Download  AP3771 Download
File Size   371.74 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER

AP3771 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3771 Datasheet PDF - Diodes Incorporated

Part # AP3771
Download  AP3771 Click to download

File Size   371.74 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER

AP3771 Datasheet (HTML) - Diodes Incorporated


AP3771 Product details

Description
The AP3771 is a high performance AC/DC power supply controller for
battery charger and adapter applications. The device uses Pulse
Frequency Modulation (PFM) method to build discontinuous
conduction mode (DCM) flyback power supplies.
The AP3771 provides accurate constant voltage, constant current
(CV/CC) regulation without requiring an opto-coupler and the
secondary control circuitry. It also eliminates the need of loop
compensation circuitry while maintaining good stability. The AP3771
can achieve excellent regulation and high average efficiency, yet
meets no-load consumption less than 30mW. It can also achieve
excellent dynamic performance while maintaining 30mW standby
power with AP4340.
The AP3771 has a built-in fixed cable voltage drop compensation
function. The cable compensation voltage is set as 7% and 3% of the
rated output voltage. It also has an adjustable built-in line
compensation function to achieve tight CC.
The AP3771 drives MOSFET to achieve the high switching frequency
and high efficiency.
The AP3771 is available in SOT26 package.

Features
Primary Side Control for Tight Constant Current and Constant
Voltage
30mW No-load Input Power
Excellent Dynamic Performance with AP4340 (For 5V
Application)
MOSFET Driving
Proprietary Adjustable Line Compensation for CC Variation
Constant and Built-in 7% and 3% Voltage Drop Compensation
Enhanced Audio Noise Suppression
Open Circuit Protection
Over Voltage Protection
Short Circuit Protection
SOT26 Package
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Adapters/Chargers for Cell/Cordless Phones, PDAs, MP3 and
Other Portable Devices
LED Driver
Standby and Auxiliary Power Supplies




Similar Part No. - AP3771

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HAK6TR-G1 BCDSEMI-AP3772HAK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HBK6TR-G1 BCDSEMI-AP3772HBK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HCK6TR-G1 BCDSEMI-AP3772HCK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
More results


Similar Description - AP3771

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com