Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3771 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3771 Datasheet HTML 1Page - Diodes Incorporated AP3771 Datasheet HTML 2Page - Diodes Incorporated AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
3 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
GATE
The GATE pin is used to turn on and turn off the power switch. When turning on the power
switch, the GATE pin will keep the gate voltage of the power MOSFET to 10V. When
turning off the power switch, the resistance between the GATE and GND will become
40
Ω
2
GND
The GND pin is the ground of the IC. When the power MOSFET is turned off, a fast reverse
sinking current to the GATE of MOSFET will flow out from this pin. Attention should be paid
to in the PCB layout
3
VCC
The VCC pin supplies the power for the IC. In order to get the correct operation of the IC, a
capacitor with low ESR should be placed as close as possible to the VCC pin
4
CS
The CS is the current sense pin of the IC. The IC will turn off the power MOSFET according
to the voltage on the CS pin. When the power MOSFET is on, a current is output from the
CS pin which is proportional to the line voltage to realize the function of line compensation
5
CPC
A capacitor more than 50nF should be connected to this pin. The voltage of CPC pin is
linear to load of the system and it is used for the functions of cable voltage drop
compensation and audio noise suppression
6
FB
The CV and CC regulation are realized based on the voltage sampling of this pin
Functional Block Diagram
Regulator
&
Bias
OVP
&
OCKP
PFM
TONS
UVLO
UVLO
CV_ctrl
PFM
Driver
R
Q
S
R
Q
S
CC_ctrl
FB
CS
CPC
VCC
GATE
GND
Cable
Compensation
Constant Voltage
Control
Constant Current
Control
Tonsec
Detector
0.1V
VFB
4
3
1
2
5
6
VREF1
COMP
EA
Peak Current
Control& LEB
TONS
Dynamic
Response
Pro
Dyn
CC_ctrl
Audio noise
Suppression
VREF2
Shutdown
Line
Compensation
Dmin
R
Q
S
SCP
VCC
OVP
R
Q
S
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com