Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3771 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3771 Datasheet HTML 1Page - Diodes Incorporated AP3771 Datasheet HTML 2Page - Diodes Incorporated AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
2 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
Typical Applications Circuit
+
C1
+
C4
VO+
VO-
D2
R1
C5
Rs
Q1
R6
R7
T1
D1
C2
VCC
GATE
FB
CS
GND
Ns
Na
Np
+
R5
C3
D3
R2
CPC
R
LINE
OUT
GND
VCC
R8
AP4340
R9
R10
D4 to D7
D8
R11
R12
R13
R14
AP3771
5V/1.8A Output for Battery Charger of Tablet PC
(The AP4340 Is Used to Achieve Fast Dynamic Response)
+
C1
+
C4
VO+
VO-
D2
R1
C5
Rs
Q1
R6
R7
T1
D1
C2
VCC
GATE
FB
CS
GND
AP3771
Ns
Na
Np
+
R5
C3
D3
R2
CPC
R
LINE
R10
D4 to D7
D8
R11
R12
R13
R14
C6
R8
12V/1.5A Output for Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com