Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3771 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3771 Datasheet HTML 1Page - Diodes Incorporated AP3771 Datasheet HTML 2Page - Diodes Incorporated AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
4 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 30
V
–
CS, CPC to GND
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
–
Output Voltage at GATE
-0.3 to 15
V
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
ºC
θ
JA
Thermal Resistance (Junction to Ambient)
200
ºC/W
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Electrical Characteristics (V
CC =15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO SECTION
VTH (ST)
Startup Voltage Threshold
–
13
15.5
18
V
VOPR(MIN)
Minimal Operating Voltage
–
5.5
6.5
7.5
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC=VTH (ST)-1V,
Before startup
0
0.2
0.6
μA
ICC(OPR)
Operating Current
Static current
300
400
500
DRIVE OUTPUT SECTION
VGATE
Gate Voltage
–
8
10
12
V
ISOURCE
Source Current
VGATE =0V
30
75
120
mA
RDS(ON)
Sink Resistance
–
30
40
50
Ω
LINE COMPENSATION SECTION
gm
Line Compensation Transconductance
(Note 5)
–
1.1
1.5
1.9
μS
CURRENT SENSE SECTION
VCS
Current Sense Threshold Voltage at
Heavy Load (CV Mode) and CC Mode
–
480
510
540
mV
tLEB
Leading Edge Blanking
–
300
475
800
ns
FEEDBACK INPUT SECTION
VFB
Feedback Threshold
–
3.94
4
4.06
V
IFB
FB Input Leakage Current
VFB=4V
2
3
4
μA
CABLE COMPENSATION SECTION
ΔV
FB-CABLE/VFB%
Cable Compensation Voltage
AP3771A
6
7
8
%
AP3771B
2
3
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com