Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3771 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated AP3771 Datasheet HTML 10Page - Diodes Incorporated AP3771 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
8 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
Ordering Information
AP3771 X XX XX - X XX
Packing
Package
TR: Tape & Reel
K6: SOT26
G1: Green
RoHS/Green
A: 7%
B: 3%
Product Name
Cable Compensation
Voltage
Version
B: Special
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Temperature
Range
Cable Compensation
Voltage
Part Number
Marking ID
Packing
SOT26
-40 to +85
C
7%
AP3771AK6TR-BG1
GJI
3000/Tape & Reel
3%
AP3771BK6TR-BG1
GJJ
3000/Tape & Reel
Marking Information
(Top View)
: Logo
XXX: Marking ID
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com