Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT1600 Datasheet (PDF) - Solid State Inc

SAT1600 Datasheet PDF - Solid State Inc
Part # SAT1600
Download  SAT1600 Download
File Size   487.92 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 70V

SAT1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT1600 Datasheet PDF - Solid State Inc

Part # SAT1600
Download  SAT1600 Click to download

File Size   487.92 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 70V

SAT1600 Datasheet (HTML) - Solid State Inc


SAT1600 Product details

Features
 VCEO = 70V
 16 pin DIP/SMD package
 Low input power consumption
 High stability
 CTR Range 20 – 300%
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies

Description
The SAT1600 consists of four phototransistors optically
coupled to individual light emitting diodes. Optical coupling
between two input IR LEDs and a single output
phototransistor allows for high isolation levels while
maintaining low-level AC signal control capability. The
SAT1600 provides an optically isolated method of
controlling many interface applications such as
telecommunications, industrial control and instrumentation
circuitry.
The SAT1600 comes standard in a 16 pin DIP package.




Similar Part No. - SAT1600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT1600 SSOUSA-SAT1600 Datasheet
436Kb / 4P
AC Input Quad Optocoupler
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
16 pin DIP/SMD package
More results


Similar Description - SAT1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Micrel Semiconductor
MIC28304 MICREL-MIC28304 Datasheet
2Mb / 39P
70V 3A Power Module
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
JUNE 2003
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
Diodes Incorporated
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
70V PNP LOW SATURATION TRANSISTOR
Rev 5
logo
International Rectifier
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
70V Input, Triple Output
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
logo
Micrel Semiconductor
MIC28512 MICREL-MIC28512 Datasheet
532Kb / 10P
70V/2A Synchronous Buck Regulator
logo
AiT Semiconductor Inc.
BAS70 AITSEMI-BAS70 Datasheet
265Kb / 5P
SCHOTTKY DIODES 70mA, 70V
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com