Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet (PDF) - Micrel Semiconductor

MIC28304 Datasheet PDF - Micrel Semiconductor
Part # MIC28304
Download  MIC28304 Download
File Size   2843.91 Kbytes
Page   39 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 70V 3A Power Module

MIC28304 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28304 Datasheet PDF - Micrel Semiconductor

Part # MIC28304
Download  MIC28304 Click to download

File Size   2843.91 Kbytes
Page   39 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 70V 3A Power Module

MIC28304 Datasheet (HTML) - Micrel Semiconductor


MIC28304 Product details

General Description

Micrel’s MIC28304 is synchronous step-down regulator module, featuring a unique adaptive ON-time control architecture. The module incorporates a DC-to-DC controller, power MOSFETs, bootstrap diode, bootstrap capacitor and an inductor in a single package. The MIC28304 operates over an input supply range from 4.5V to 70V and can be used to supply up to 3A of output current. The output voltage is adjustable down to 0.8V with a guaranteed accuracy of ±1%. The device operates with programmable switching frequency from 200kHz to 600kHz.



Features

•  Easy to use

− Stable with low-ESR ceramic output capacitor

− No compensation and no inductor to choose

•  4.5V to 70V input voltage

•  Single-supply operation

•  Power Good (PG) output

•  Low radiated emission (EMI) per EN55022, Class B

•  Adjustable current limit

•  Adjustable output voltage from 0.9V to 24V (also limited by duty cycle)

•  200kHz to 600kHz, programmable switching frequency

•  Supports safe start-up into a pre-biased output

•  –40°C to +125°C junction temperature range

•  Available in 64-pin, 12mm × 12mm × 3mm QFN package



Applications

•  Distributed power systems

•  Industrial, medical, telecom, and automotive




Similar Part No. - MIC28304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
50V 3A Power Module
MIC28303-1YMP MICREL-MIC28303-1YMP Datasheet
2Mb / 33P
50V 3A Power Module
logo
Microchip Technology
MIC28303-1YMP MICROCHIP-MIC28303-1YMP Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-2YMP MICREL-MIC28303-2YMP Datasheet
2Mb / 33P
50V 3A Power Module
More results


Similar Description - MIC28304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
logo
OptoSupply Internationa...
OS4W7NE1E1EVER.1 OPTOSUPPLY-OS4W7NE1E1EVER.1 Datasheet
144Kb / 2P
Xeon Power Pure White LED 1W 70V
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
Xeon Power Pure White LED 1W 70V
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY Datasheet
249Kb / 7P
70V NPN POWER SWITCHING TRANSISTOR IN SOT89
Rev 1
DXTN26070CY DIODES-DXTN26070CY_15 Datasheet
254Kb / 7P
70V NPN POWER SWITCHING TRANSISTOR IN SOT89
Rev 1
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
70V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
50V 3A Power Module
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER Power Module
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
logo
Monolithic Power System...
MPM3530 MPS-MPM3530 Datasheet
1Mb / 20P
55V, 3A, Step-Down Power Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com