Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 5Page - Micrel Semiconductor MIC28304 Datasheet HTML 6Page - Micrel Semiconductor MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
0.792
0.796
0.800
0.804
0.808
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Feedback Voltage
vs. Output Current (MIC28304-1)
VIN = 12V
V
OUT = 5.0V
F
SW = 600kHz
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Line Regulation
vs. Output Current (MIC28304-1)
VIN = 12V to 75V
V
OUT = 5.0V
F
SW = 600kHz
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 12V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 18V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 24V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 38V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 48V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 70V)
vs. Output Current (MIC28304-1)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
CCM
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency
vs. Output Current (MIC28304-1)
V
OUT = 12V
F
SW = 600kHz
CCM
R3 = 23.2k
Ω
18VIN
24VIN
36VIN
48VIN
70VIN
March 25, 2014
9
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com