Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 23Page - Micrel Semiconductor MIC28304 Datasheet HTML 24Page - Micrel Semiconductor MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Micrel, Inc.
MIC28304
The maximum value of ESR is calculated as in Equation
6:
L(PP)
OUT(pp)
C
ΔI
ΔV
ESR
OUT
≤
Eq. 6
Where:
ΔVOUT(pp) = Peak-to-peak output voltage ripple
ΔI
L(PP) = Peak-to-peak inductor current ripple
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 7:
(
)2
C
L(PP)
2
SW
OUT
L(PP)
OUT(pp)
OUT
ESR
ΔI
8
f
C
ΔI
ΔV
×
+
×
×
=
Eq. 7
Where:
D = Duty cycle
COUT = Output capacitance value
fsw = Switching frequency
As described in the “Theory of Operation” subsection in
Functional Description, the MIC28304 requires at least
20mV peak-to-peak ripple at the FB pin to make the gm
amplifier and the error comparator behave properly. Also,
the output voltage ripple should be in phase with the
inductor current. Therefore, the output voltage ripple
caused by the output capacitors value should be much
smaller than the ripple caused by the output capacitor
ESR. If low-ESR capacitors, such as ceramic capacitors,
are selected as the output capacitors, a ripple injection
method should be applied to provide enough feedback
voltage ripple. Please refer to the “Ripple Injection”
subsection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON.
The output capacitor RMS current is calculated in
Equation 8:
12
ΔI
I
L(PP)
(RMS)
COUT
=
Eq. 8
The power dissipated in the output capacitor is:
OUT
OUT
OUT
C
2
(RMS)
C
)
DISS(C
ESR
I
P
×
=
Eq. 9
Input Capacitor Selection
The input capacitor for the power stage input PVIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when subjected
to high inrush currents, caused by turning the input
supply on. A tantalum input capacitor’s voltage rating
should be at least two times the maximum input voltage
to maximize reliability. Aluminum electrolytic, OS-CON,
and multilayer polymer film capacitors can handle the
higher inrush currents without voltage de-rating. The
input voltage ripple will primarily depend on the input
capacitor’s ESR. The peak input current is equal to the
peak inductor current, so:
ΔV
IN = IL(pk) × ESRCIN
Eq. 10
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming the
peak-to-peak inductor current ripple is low:
D)
(1
D
I
I
OUT(max)
CIN(RMS)
−
×
×
≈
Eq.11
The power dissipated in the input capacitor is:
PDISS(CIN) = ICIN(RMS)
2 × ESR
CIN
Eq. 12
The general rule is to pick the capacitor with a ripple
current rating equal to or greater than the calculated
worst (VIN_MAX) case RMS capacitor current. Its voltage
rating should be 20% to 50% higher than the maximum
input voltage. Typically the input ripple (dV) needs to be
kept down to less than ±10% of input voltage. The ESR
also increases the input ripple.
March 25, 2014
27
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com