Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC28304 Datasheet HTML 1Page - Micrel Semiconductor MIC28304 Datasheet HTML 2Page - Micrel Semiconductor MIC28304 Datasheet HTML 3Page - Micrel Semiconductor MIC28304 Datasheet HTML 4Page - Micrel Semiconductor MIC28304 Datasheet HTML 5Page - Micrel Semiconductor MIC28304 Datasheet HTML 6Page - Micrel Semiconductor MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Micrel, Inc.
MIC28304
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
7, 8
FREQ
Switching Frequency Adjust Input. Leaving this pin open will set the switching frequency to 600kHz.
Alternatively a resistor from this pin to ground can be used to lower the switching frequency.
9 to 13
PGND
Power Ground. PGND is the return path for the buck converter power stage. The PGND pin
connects to the sources of low-side N-Channel external MOSFET, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The return path for the power ground
should be as small as possible and separate from the analog ground (GND) return path.
14 to 22
PVIN
Power Input Voltage. Connection to the drain of the internal high-side power MOSFET.
23 to 38
VOUT
Output Voltage. Connection with the internal inductor, the output capacitor should be connected
from this pin to PGND as close to the module as possible.
39
NC
No Connection. Leave it floating.
49, 50
ANODE
Anode Bootstrap Diode Input. Anode connection of internal bootstrap diode, this pin should be
connected to the PVDD pin.
52, 53
BSTC
Bootstrap Capacitor. Connection to the internal bootstrap capacitor. Leave floating, no connect.
55, 56
BSTR
Bootstrap Resistor. Connection to the internal bootstrap resistor and high-side power MOSFET
drive circuitry. Leave floating, no connect.
57
FB
Feedback Input. Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to set the desired output
voltage.
58
PGOOD
Power Good Output. Open drain output, an external pull-up resistor to external power rails is
required.
59
EN
Enable Input. A logic signal to enable or disable the buck converter operation. The EN pin is CMOS
compatible. Logic high enables the device, logic low shutdowns the regulator. In the disable mode,
the input supply current for the device is minimized to 4µA typically. Do not pull EN to PVDD.
61, 62
PVDD
Internal +5V Linear Regulator Output. PVDD is the internal supply bus for the device. In the
applications with VIN < +5.5V, PVDD should be tied to VIN to by-pass the linear regulator.
63
NC
No Connection. Leave it floating.
March 25, 2014
3
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com