Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor MIC28304 Datasheet HTML 33Page - Micrel Semiconductor MIC28304 Datasheet HTML 34Page - Micrel Semiconductor MIC28304 Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Micrel, Inc.
MIC28304
PCB Layout Guidelines
Warning: To minimize EMI and output noise, follow
these layout recommendations.
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power, signal
and return paths.
The following figures optimized from small form factor
point of view shows top and bottom layer of a four layer
PCB. It is recommended to use mid layer 1 as a
continuous ground plane.
Figure 12. Top And Bottom Layer of a Four-Layer Board
The following guidelines should be followed to insure
proper operation of the MIC28304 converter:
IC
• The analog ground pin (GND) must be connected
directly to the ground planes. Do not route the GND pin
to the PGND pin on the top layer.
• Place the IC close to the point of load (POL).
• Use fat traces to route the input and output power
lines.
• Analog and power grounds should be kept separate
and connected at only one location.
Input Capacitor
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Place several vias to the ground plane close to the
input capacitor ground terminal.
• Use either X7R or X5R dielectric input capacitors. Do
not use Y5V or Z5U type capacitors.
• Do not replace the ceramic input capacitor with any
other type of capacitor. Any type of capacitor can be
placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel with
the input capacitor, it must be recommended for
switching regulator applications and the operating
voltage must be derated by 50%.
• In “Hot-Plug” applications, a Tantalum or Electrolytic
bypass capacitor must be used to limit the over-voltage
spike seen on the input supply with power is suddenly
applied.
RC Snubber
• Place the RC snubber on the same side of the board
and as close to the SW pin as possible.
SW Node
• Do not route any digital lines underneath or close to
the SW node.
• Keep the switch node (SW) away from the feedback
(FB) pin.
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground terminal.
• Phase margin will change as the output capacitor value
and ESR changes. Contact the factory if the output
capacitor is different from what is shown in the BOM.
• The feedback trace should be separate from the power
trace and connected as close as possible to the output
capacitor. Sensing a long high-current load trace can
degrade the DC load regulation.
March 25, 2014
31
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com