Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC28304 Datasheet HTML 1Page - Micrel Semiconductor MIC28304 Datasheet HTML 2Page - Micrel Semiconductor MIC28304 Datasheet HTML 3Page - Micrel Semiconductor MIC28304 Datasheet HTML 4Page - Micrel Semiconductor MIC28304 Datasheet HTML 5Page - Micrel Semiconductor MIC28304 Datasheet HTML 6Page - Micrel Semiconductor MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Micrel, Inc.
MIC28304
Ordering Information
Part Number
Switching
Frequency
Features
Package
Junction
Temperature
Range
Lead
Finish
MIC28304-1YMP
200kHz to 600kHz
HyperLight Load
64-pin 12mm × 12mm QFN
–40°C to +125°C
Pb-Free
MIC28304-2YMP
200kHz to 600kHz
Hyper Speed Control
64-pin 12mm × 12mm QFN
–40°C to +125°C
Pb-Free
Pin Configuration
64-Pin 12mm × 12mm QFN (MP)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 3, 54, 64
GND
Analog Ground. Ground for internal controller and feedback resistor network. The analog ground
return path should be separate from the power ground (PGND) return path.
4
ILIM
Current Limit Setting. Connect a resistor from SW (pin #4) to ILIM to set the over-current threshold
for the converter.
5, 60
VIN
Supply Voltage for Controller. The VIN operating voltage range is from 4.5V to 70V. A 0.47
μF
ceramic capacitor from VIN (pin # 60) to AGND is required for decoupling. The pin # 5 should be
externally connected to either PVIN or pin # 60 on PCB.
6, 40 to 48, 51
SW
Switch Node and Current-Sense Input. High current output driver return. The SW pin connects
directly to the switch node. Due to the high-speed switching on this pin, the SW pin should be routed
away from sensitive nodes. The SW pin also senses the current by monitoring the voltage across
the low-side MOSFET during OFF time.
March 25, 2014
2
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com