Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor MIC28304 Datasheet HTML 33Page - Micrel Semiconductor MIC28304 Datasheet HTML 34Page - Micrel Semiconductor MIC28304 Datasheet HTML 35Page - Micrel Semiconductor MIC28304 Datasheet HTML 36Page - Micrel Semiconductor MIC28304 Datasheet HTML 37Page - Micrel Semiconductor MIC28304 Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Micrel, Inc.
MIC28304
Bill of Materials
Item
Part Number
Manufacturer Description
Qty.
C1
EEU-FC2A101
Panasonic
(6)
100µF Aluminum Capacitor, 100V
1
C2, C3
GRM32ER72A225K
Murata
(7)
2.2µF/100V Ceramic Capacitor, X7R, Size 1210
2
C3225X7R2A225K
TDK
(8)
12101C225KAT2A
AVX
(9)
C6
GCM1885C2A100JA16D
Murata
10pF, 100V, 0603, NPO
1
06031A100JAT2A
AVX
C8
GRM188R70J105KA01D
Murata
1µF/6.3V Ceramic Capacitor, X7R, Size 0603
1
06036C105KAT2A
AVX
C1608X5R0J105K
TDK
C9
GRM21BR72A474KA73
Murata
0.47µF/100V Ceramic Capacitor, X7R, Size 0805
1
08051C474KAT2A
AVX
C10, C17
GRM188R72A104KA35D
Murata
0.1µF/100V Ceramic Capacitor, X7R, Size 0603
2
C1608X7S2A104K
TDK
0.1µF/100V, X7S, 0603
C11
GRM188R72A102KA01D
Murata
1nF/100V Ceramic Capacitor, X7R, Size 0603
1
06031C102KAT2A
AVX
C1608X7R2A102K
TDK
C12
GRM188R72A222KA01D
Murata
2.2nF/100V Ceramic Capacitor, X7R, Size 0603
1
06031C222KAT2A
AVX
C1608X7R2A222K
TDK
C14
GRM31CR60J476ME19K
Murata
47µF/6.3V Ceramic Capacitor, X5R, Size 1210
1
12106D476MAT2A
AVX
C16
GRM188R71H104KA93D
Murata
0.1µF/6.3V Ceramic Capacitor, X7R, Size 0603
1
06035C104KAT2A
AVX
C1608X7R1H104K
TDK
C4, C5, C7, C13, C15
DNP
Notes:
6.
Panasonic: www.panasonic.com.
7.
Murata: www.murata.com.
8.
TDK: www.tdk.com.
9.
AVX: www.avx.com.
March 25, 2014
34
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com