Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor MIC28304 Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Micrel, Inc.
MIC28304
The feedback voltage ripple is:
L(PP)
C
FB(PP)
ΔI
ESR
R11
R1
R11
ΔV
OUT
×
×
+
=
Eq. 16
Where:
ΔI
L(PP)
= The peak-to-peak value of the inductor
current ripple
2.
Inadequate ripple at the feedback voltage due to the
small ESR of the output capacitors, such is the case
with ceramic output capacitor.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor Cff in this situation,
as shown in Figure 11. The typical Cff value is
between 1nF and 100nF.
Figure 11. Invisible Ripple at FB
With the feed-forward capacitor, the feedback voltage
ripple is very close to the output voltage ripple:
L(PP)
FB(PP)
ΔI
ESR
ΔV
×
≈
Eq. 17
3.
Virtually no ripple at the FB pin voltage due to the
very-low ESR of the output capacitors.
In this situation, the output voltage ripple is less than
20mV. Therefore, additional ripple is injected into the
FB pin from the switching node SW via a resistor Rinj
and a capacitor Cinj, as shown in Figure 11. The
injected ripple is:
τ
×
×
×
×
×
=
SW
div
IN
FB(pp)
f
1
D)
-
(1
D
K
V
ΔV
Eq. 18
R1//R11
R
R1//R11
K
inj
div
+
=
Eq. 19
Where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R11//R
inj) × Cff
In Equations 18 and 19, it is assumed that the time
constant associated with Cff must be much greater than
the switching period:
1
T
f
1
SW
<<
=
×
τ
τ
Eq. 20
If the voltage divider resistors R1 and R11
are in the kΩ
range, then a Cff of 1nF to 100nF can easily satisfy the
large time constant requirements. Also, a 100nF injection
capacitor Cinj is used in order to be considered as short
for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1. Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R11
are in kΩ range.
Step 2. Select Rinj according to the expected feedback
voltage ripple using Equation 22:
D)
(1
D
f
V
ΔV
K
SW
IN
FB(pp)
div
−
×
×
×
=
τ
Eq. 21
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R11)
R
div
inj
−
×
=
Eq. 22
Step 3. Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.
Table 3 summarizes the typical value of components for
particular input and output voltage, and 600kHz
switching frequency design, for details refer to the Bill of
Materials section.
March 25, 2014
29
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com