Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 9Page - Micrel Semiconductor MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor MIC28304 Datasheet HTML 14Page - Micrel Semiconductor MIC28304 Datasheet HTML 15Page - Micrel Semiconductor MIC28304 Datasheet HTML 16Page - Micrel Semiconductor MIC28304 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
* Case Temperature: The temperature measurement was taken at the hottest point on the MIC28304 case mounted on a 5 square inch PCB (see
Thermal Measurement section). Actual results will depend upon the size of the PCB, ambient temperature and proximity to other heat-emitting
components.
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN = 70V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Die Temperature* (VIN = 12V)
vs. Output Current (MIC28304-2)
VIN = 12V
V
OUT = 5.0V
F
SW = 600kHz
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Die Temperature* (VIN = 48V)
vs. Output Current (MIC28304-2)
VIN = 48V
V
OUT = 5.0V
F
SW = 600kHz
`
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Die Temperature* (VIN = 70V)
vs. Output Current (MIC28304-2)
VIN = 70V
V
OUT = 5.0V
F
SW = 600kHz
0
100
200
300
400
500
600
700
800
10.00
100.00
1000.00
10000.00
R19 (k Ohm)
Switching Frequency
V
OUT = 5V
I
OUT = 2A
VIN =48V
VIN = 12V
0
0.5
1
1.5
2
2.5
0
1
2
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current (MIC28304-2)
VIN = 12V
F
SW = 600kHz
V
OUT = 5V
V
OUT = 0.8V
V
OUT = 5V, 3.3V, 2.5V, 1.8V, 1.2V, 0.8V
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current (MIC28304-2)
VIN = 24V
F
SW = 600kHz
V
OUT = 5V
V
OUT = 0.8V
V
OUT = 5V, 3.3V, 2.5V, 1.8V, 1.2V, 0.8V
0
1
2
3
4
5
6
0
1
2
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current (MIC28304-2)
VIN = 48V
F
SW = 600kHz
V
OUT = 5V
V
OUT = 0.8V
V
OUT = 5V, 3.3V, 2.5V, 1.8V, 1.2V, 0.8V
0
1
2
3
4
5
6
7
8
9
0
1
2
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current (MIC28304-2)
VIN = 70V
F
SW = 600kHz
V
OUT = 5V
V
OUT = 0.8V
V
OUT = 5V, 3.3V, 2.5V, 1.8V, 1.2V, 0.8V
March 25, 2014
13
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com