Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC28304 Datasheet HTML 1Page - Micrel Semiconductor MIC28304 Datasheet HTML 2Page - Micrel Semiconductor MIC28304 Datasheet HTML 3Page - Micrel Semiconductor MIC28304 Datasheet HTML 4Page - Micrel Semiconductor MIC28304 Datasheet HTML 5Page - Micrel Semiconductor MIC28304 Datasheet HTML 6Page - Micrel Semiconductor MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Micrel, Inc.
MIC28304
Absolute Maximum Ratings
(1)
PVIN, VIN to PGND ...................................... –0.3V to +76V
PVDD, VANODE to PGND .................................. –0.3V to +6V
VSW, VFREQ, VILIM, VEN........................ −0.3V to (PVIN +0.3V)
VBSTC/BSTR to VSW ................................................ −0.3V to 6V
VBSTC/BSTR to PGND.......................................... −0.3V to 82V
VFB, VPG to PGND .........................−0.3V to (PVDD + 0.3V)
PGND to AGND............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS)......................... −65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (PVIN, VIN) .............................. 4.5V to 70V
Enable Input (VEN) .................................................0V to VIN
VSW, VFEQ, VILIM, VEN ..............................................0V to VIN
Power Good (VPGOOD)..………………..……… ...0V to PVDD
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
12mm × 12mm QFN-64 (
θ
JA) ............................ 20°C/W
12mm × 12mm QFN-64 (
θ
JC)............................... 5°C/W
Electrical Characteristics
(4)
PVIN = VIN = 12V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −
40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (PVIN, VIN)
4.5
70
V
Controller Supply Current
(5)
Current into Pin 60; VFB = 1.5V (MIC28304-1)
0.4
0.75
mA
Current into Pin 60;VFB = 1.5V (MIC28304-2)
2.1
3
Current into Pin 60;VEN = 0V
0.1
10
µA
Operating Current
IOUT = 0A (MIC28304-1)
0.7
mA
IOUT = 0A (MIC28304-2)
27
Shutdown Supply Current
PVIN = VIN = 12V, VEN = 0V
4
µA
PVDD Supply
(5)
PVDD Output Voltage
VIN = 7V to 70V, IPVDD = 10mA
4.8
5.2
5.4
V
PVDD UVLO Threshold
PVDD rising
3.8
4.2
4.7
V
PVDD UVLO Hysteresis
400
mV
Load Regulation
IPVDD = 0 to 40mA
0.6
2
3.6
%
Reference
(5)
Feedback Reference Voltage
TJ = 25°C (±1.0%)
0.792
0.8
0.808
V
−
40°C ≤ TJ ≤ 125°C (±2%)
0.784
0.8
0.816
FB Bias Current
VFB = 0.8V
5
500
nA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification for packaged product only.
5.
IC tested prior to assembly.
March 25, 2014
4
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com